Part Number Hot Search : 
10640 40680 10A20 ATA8742 835LG HD880 M52749FP 222AU
Product Description
Full Text Search
 

To Download MBRF30100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mospec MBRF30100C switchmode full plastic dual schottky barrier power rectifiers using the schottky barrier principle with a refractory metal capable of high temperature operation metal. the proprietary barrier technology allows for reliable operation up to 175 junction temperature. ty pical application are in switching mode power supplies such as adaptors, dc/dc converters, free- wheeling and polarity protection diodes. features low forward voltage. low switching noise. high current capacity guarantee reverse avalanche. guard-ring for stress protection. low power loss & high efficiency. 175 operating junction temperature low stored charge majority carrier conduction. plastic material used carries underwriters laboratory flammability classification 94v-o in com p liance w ith e u r ohs 2002/95/ec directives schottky barrier rectifiers 30 amperes maximum ratings characteristic symbol MBRF30100C unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v rms reverse voltage v r(rms) 70 v average rectifier forward current ( per diode ) total device (rated v r ), t c =100 i f(av) 15 30 a peak repetitive forward current (rate v r , square wave, 20khz) i fm 30 a non-repetitive peak surge current (surge applied at rate load conditions halfware, single phase, 60hz) i fsm 250 a operating and storage junc tion temperature range t j , t stg -65 to +175 100 volts ito-220ab millimeters dim min max a 14. 9 0 1 5 .1 5 b 13.35 13.55 c 10.00 10.10 d 6.55 6.65 e 2.65 2.75 f 1.55 1.65 g 1.15 1.25 h 0.55 0.65 i 2.50 2.60 j 3.00 3.20 k 1.10 1.20 l 0.55 0.65 m 4.40 4.60 n 1.15 1.25 o 3.35 3.45 p 2.65 2.75 q 3.15 3.25 r 3.60 3.80 thermal resistances typical thermal resistance junction to case r jc 3.2 /w electrial characteristics characteristic symbol MBRF30100C unit maximum instantaneous forward voltage ( per diode ) ( i f =15 amp t c = 25 ) 0.85 ( i f =15 amp t c = 125 ) v f 0.78 v maximum instantaneous reverse current ( rated dc voltage, t c = 25 ) 0.01 ( rated dc voltage, t c = 125 ) i r 15 ma
MBRF30100C fig-1 forward current derating curve fig-2 typical forward characterisitics average forward rectified current ( am p . ) nstantaneous forward current (amp.) case temperature ( ) forward voltage (volts) t j =125 t j =75 t j =25 fig-3 typical reverse characteristics fig-4 typical junction capacitance instantaneous reverse current (ma.) junction capacitance ( p f) percent of rated reverse voltage ( ) reverse voltage (volts) t j =125 t j =75 t =25 j fig-5 peak forward surge current peak forward surge current (amp.) number of cycles at 60 hz dk-b


▲Up To Search▲   

 
Price & Availability of MBRF30100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X